Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 50 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 46Page - Renesas Technology Corp H8S/20223 Datasheet HTML 47Page - Renesas Technology Corp H8S/20223 Datasheet HTML 48Page - Renesas Technology Corp H8S/20223 Datasheet HTML 49Page - Renesas Technology Corp H8S/20223 Datasheet HTML 50Page - Renesas Technology Corp H8S/20223 Datasheet HTML 51Page - Renesas Technology Corp H8S/20223 Datasheet HTML 52Page - Renesas Technology Corp H8S/20223 Datasheet HTML 53Page - Renesas Technology Corp H8S/20223 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 992 page
background image
Section 2 CPU
Rev. 1.00 Oct. 03, 2008 Page 24 of 962
REJ09B0465-0100
2.2
CPU Operating Modes
The H8S/2000 CPU has two operating modes: normal and advanced. Note that this LSI supports
only advanced mode. Advanced mode supports a maximum 16-Mbyte address space.
2.2.1
Advanced Mode
• Address space
Linear access to a maximum address space of 16 Mbytes is possible.
• Extended registers (En)
The extended registers (E0 to E7) can be used as 16-bit registers. They can also be used as the
upper 16-bit segments of 32-bit registers or address registers.
• Instruction set
All instructions and addressing modes can be used.
• Exception vector table and memory indirect branch addresses
In advanced mode, the top area starting at H'00000000 is allocated to the exception vector
table in 32-bit units. In each 32 bits, the upper 8 bits are ignored and a branch address is stored
in the lower 24 bits (see figure 2.1). For details of the exception vector table, see section 3,
Exception Handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com