Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 29 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 25Page - Renesas Technology Corp H8S/20223 Datasheet HTML 26Page - Renesas Technology Corp H8S/20223 Datasheet HTML 27Page - Renesas Technology Corp H8S/20223 Datasheet HTML 28Page - Renesas Technology Corp H8S/20223 Datasheet HTML 29Page - Renesas Technology Corp H8S/20223 Datasheet HTML 30Page - Renesas Technology Corp H8S/20223 Datasheet HTML 31Page - Renesas Technology Corp H8S/20223 Datasheet HTML 32Page - Renesas Technology Corp H8S/20223 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 992 page
background image
Section 1 Overview
Rev. 1.00 Oct. 03, 2008 Page 3 of 962
REJ09B0465-0100
Classification
Module/
Function
Description
Voltage
detection
Voltage
detection
circuit (LVD)
Voltage drop detected
DMA
Data transfer
controller
(DTC)
• Transfer via any number of channels possible
• Three transfer modes
A/D converter
A/D
converter
(ADC)
• 10-bit resolution × eight to sixteen input channels
• Sample and hold function included
• Conversion time: 2 µs per channel
• Two operating modes: single mode and scan mode
• Three ways to start A/D conversion: software, timer trigger,
and external pin trigger.
D/A converter
D/A
converter
(DAC)
• 8-bit resolution × two input channels
Timers
Timer RA
8 bits
× one channel (with 8-bit prescaler)
Timer RB
8 bits
× one channel (with 8-bit prescaler)
Timer RC
16 bits
× one channel (only available with H8S/20103 group)
Timer RD
16 bits
× two channels (× two units in H8S/20203 and H8S/20223
groups)
Timer RE
8 bits
× one channel with real-time clock function
Timer RG
16 bits
× one channel with phase-counting mode
Watchdog
timer (WDT)
8 bit
× one channel
Serial interfaces
• Three channels (either for asynchronous or clock-synchronous
communication)
• Full-duplex communication capability
• Any desired bit rate selectable
Serial
communi-
cation
interface
(SCI3)
IrDA (only available with channel 2)
Synchro-
nous serial
communi-
cation unit
(SSU)
• One channel (IIC2 and selection format)
• Clock-synchronous communication with chip-select function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com