Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 100 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 96Page - Renesas Technology Corp H8S/20223 Datasheet HTML 97Page - Renesas Technology Corp H8S/20223 Datasheet HTML 98Page - Renesas Technology Corp H8S/20223 Datasheet HTML 99Page - Renesas Technology Corp H8S/20223 Datasheet HTML 100Page - Renesas Technology Corp H8S/20223 Datasheet HTML 101Page - Renesas Technology Corp H8S/20223 Datasheet HTML 102Page - Renesas Technology Corp H8S/20223 Datasheet HTML 103Page - Renesas Technology Corp H8S/20223 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 992 page
background image
Section 4 Interrupt Controller
Rev. 1.00 Oct. 03, 2008 Page 74 of 962
REJ09B0465-0100
A block diagram of the interrupt controller is shown in figure 4.1.
INTCR
NMI input
IRQ input
Internal
interrupt
sources
IAD to
ITGUD
INTM1 INTM0
NMIEG
NMI input unit
IRQ input unit
ISR
ISCR
IER
IPR
Interrupt controller
Priority
determination
Interrupt
request
Vector
number
I
I1 to I0
CCR
EXR
CPU
Figure 4.1 Block Diagram of Interrupt Controller
Table 4.1 shows the pin configuration of the interrupt controller.
Table 4.1
Pin Configuration
Name
I/O
Function
NMI
Input
Nonmaskable external interrupt
Rising or falling edge can be selected.
IRQ7 to IRQ0
Input
Maskable external interrupts
Rising, falling, or both edges can be selected independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com