Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 43 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 39Page - Renesas Technology Corp H8S/20223 Datasheet HTML 40Page - Renesas Technology Corp H8S/20223 Datasheet HTML 41Page - Renesas Technology Corp H8S/20223 Datasheet HTML 42Page - Renesas Technology Corp H8S/20223 Datasheet HTML 43Page - Renesas Technology Corp H8S/20223 Datasheet HTML 44Page - Renesas Technology Corp H8S/20223 Datasheet HTML 45Page - Renesas Technology Corp H8S/20223 Datasheet HTML 46Page - Renesas Technology Corp H8S/20223 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 992 page
background image
Section 1 Overview
Rev. 1.00 Oct. 03, 2008 Page 17 of 962
REJ09B0465-0100
Pin No.
Classification Symbol
H8S/20103
Group
H8S/20203 and
H8S/20223
Groups
I/O
Description
Timer RD_1*
5
FTIOA2
62
I/O
Pin for output-compare
output, input-capture
input, and external clock
input.
FTIOB2
63
I/O
Pin for output-compare
output, input-capture
input, and PWM output.
FTIOC2
64
I/O
Pin for output-compare
output, input-capture
input, and PWM
synchronous output (at
reset or in complementary
PWM mode).
FTIOD2
65
I/O
Pin for output-compare
output, input-capture
input, and PWM output.
FTIOA3
58
I/O
Pin for output-compare
output, input-capture
input, and PWM output (at
reset or in complementary
PWM mode).
FTIOB3 to
FTIOD3
59 to 61
I/O
Pins for output-compare
output, input-capture
input, and PWM output.
TRDOI_1
*
4
Input
Pin for inputting the timer-
output enable or disable
signal.
Timer RE
TREO
43
14
Output Pin for clock signal output.
Timer RG
TCLKA
TCLKB
31
30
36
35
Input
Pins for external clock
input.
TGIOA
TGIOB
29
28
34
33
I/O
Pins for output-compare
output, input-capture
input, and PWM output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com