Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 61 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 57Page - Renesas Technology Corp H8S/20223 Datasheet HTML 58Page - Renesas Technology Corp H8S/20223 Datasheet HTML 59Page - Renesas Technology Corp H8S/20223 Datasheet HTML 60Page - Renesas Technology Corp H8S/20223 Datasheet HTML 61Page - Renesas Technology Corp H8S/20223 Datasheet HTML 62Page - Renesas Technology Corp H8S/20223 Datasheet HTML 63Page - Renesas Technology Corp H8S/20223 Datasheet HTML 64Page - Renesas Technology Corp H8S/20223 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 992 page
background image
Section 2 CPU
Rev. 1.00 Oct. 03, 2008 Page 35 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
2
Z
Zero flag
[Setting condition]
When data is zero.
[Clearing condition]
When data is not zero.
R/W
1
V
Overflow flag
[Setting condition]
When an overflow occurs after an arithmetic
instruction has been executed.
[Clearing condition]
When no overflow occurs after an arithmetic
instruction has been executed.
R/W
0
C
Carry flag
[Setting condition]
When a carry occurs after an instruction has been
executed.
[Clearing condition]
When no carry occurs after an instruction has been
executed.
R/W
• I (interrupt mask bit)
This bit masks interrupts other than NMI when set to 1. NMI is accepted regardless of the I bit
setting. The I bit is set to 1 at the start of an exception-handling sequence. For details, see
section 4, Interrupt Controller.
• UI (user bit/interrupt mask bit)
This bit can be written to and read from by software using the LDC, STC, ANDC, ORC, and
XORC instructions.
For this LSI, interrupt mask bit is not available.
• H (half carry flag)
When the ADD.B, ADDX.B, SUB.B, SUBX.B, CMP.B or NEG.B instruction is executed, this
flag is set to 1 if there is a carry or borrow at bit 3, and cleared to 0 otherwise. When the
ADD.W, SUB.W, CMP.W, or NEG.W instruction is executed, the H flag is set to 1 if there is
a carry or borrow at bit 11, and cleared to 0 otherwise. When the ADD.L, SUB.L, CMP.L, or
NEG.L instruction is executed, the H flag is set to 1 if there is a carry or borrow at bit 27, and
cleared to 0 otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com