Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 390 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 390 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 386Page - Renesas Technology Corp H8S/20223 Datasheet HTML 387Page - Renesas Technology Corp H8S/20223 Datasheet HTML 388Page - Renesas Technology Corp H8S/20223 Datasheet HTML 389Page - Renesas Technology Corp H8S/20223 Datasheet HTML 390Page - Renesas Technology Corp H8S/20223 Datasheet HTML 391Page - Renesas Technology Corp H8S/20223 Datasheet HTML 392Page - Renesas Technology Corp H8S/20223 Datasheet HTML 393Page - Renesas Technology Corp H8S/20223 Datasheet HTML 394Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 992 page
background image
Section 11 Data Transfer Controller (DTC)
Rev. 1.00 Oct. 03, 2008 Page 364 of 962
REJ09B0465-0100
11.8
Usage Notes
11.8.1
Module Standby Mode Setting
DTC operation can be disabled or enabled using the module standby control register. The initial
value is for DTC operation to be disabled. When the DTC is used, cancel module standby mode.
Register access is disabled in module standby mode. Module standby mode cannot be set while
the DTC is activated. For details, see section 6, Power-Down Modes.
11.8.2
DTCE Bit Setting
For DTCE bit setting, use bit manipulation instructions such as BSET and BCLR. If all interrupts
are disabled, multiple activation sources can be set at one time (only at the initial setting) by
writing data after executing a dummy read on the relevant register.
11.8.3
DTC Activation by SCI3, IIC2/SSU and A/D Converter Interrupt Sources
Interrupts and activation sources of the SCI3, IIC2/SSU, and A/D converter are cleared when the
DTC reads or writes the prescribed register. Therefore, when the DTC is activated by an interrupt
or activation source, the interrupt or activation source will be retained if a read/write of the
relevant register is not included in the last chained data transfer.
The above operation is performed regardless of the DISEL bit setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com