Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 403 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 403 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 399Page - Renesas Technology Corp H8S/20223 Datasheet HTML 400Page - Renesas Technology Corp H8S/20223 Datasheet HTML 401Page - Renesas Technology Corp H8S/20223 Datasheet HTML 402Page - Renesas Technology Corp H8S/20223 Datasheet HTML 403Page - Renesas Technology Corp H8S/20223 Datasheet HTML 404Page - Renesas Technology Corp H8S/20223 Datasheet HTML 405Page - Renesas Technology Corp H8S/20223 Datasheet HTML 406Page - Renesas Technology Corp H8S/20223 Datasheet HTML 407Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 992 page
background image
Section 12 Event Link Controller
Rev. 1.00 Oct. 03, 2008 Page 377 of 962
REJ09B0465-0100
12.2.9
Event Link Port Setting Registers 0 to 3 (PEL0 to PEL3)
b7
1
b6
0
b5
0
b4
0
b3
0
b2
0
b1
0
b0
0
H'FF06AD to H'FF06B0
PSMn[1:0]
PSPn[4:3]
PSPn[2:0]
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
Reserved
This bit is read as 1. The write value should be 1.
6
5
PSMn[1:0]
Event link
specification
• For the output port, data to be output from the
port is specified.
00: 0 is output when the event is input.
01: 1 is output when the event is input.
1X: The toggled (inverted) value is output when
the event is input.
• For the input port, the edge on which the event is
to be output is specified.
00: Event is output upon detection of the rising
edge.
01: Event is output upon detection of the falling
edge.
1X: Event is output upon detection of both the
rising and falling edge.
R/W
4
3
PSPn[4:3]
Port number
specification
00: Do not set this value.
01: Port 3 (corresponding to PGR1)
10: Port 6 (corresponding to PGR2)
11: Do not set this value.
R/W
2
PSPn2
R/W
1
PSPn1
R/W
0
PSPn0
Bit number
specification
A bit number in an 8-bit port is specified.
R/W
[Legend]
n:
0 to 3
X:
Don't care.
PEL specifies the 1-bit port (hereinafter referred to as a single-port) to which an event is to be
linked, the port operation upon the event signal input, and the conditions of event generation. With
this LSI, a total of four bits in either port 3 or port 6 (8-bit ports) can be specified as single-ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com