Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 415 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 415 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 411Page - Renesas Technology Corp H8S/20223 Datasheet HTML 412Page - Renesas Technology Corp H8S/20223 Datasheet HTML 413Page - Renesas Technology Corp H8S/20223 Datasheet HTML 414Page - Renesas Technology Corp H8S/20223 Datasheet HTML 415Page - Renesas Technology Corp H8S/20223 Datasheet HTML 416Page - Renesas Technology Corp H8S/20223 Datasheet HTML 417Page - Renesas Technology Corp H8S/20223 Datasheet HTML 418Page - Renesas Technology Corp H8S/20223 Datasheet HTML 419Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 992 page
background image
Section 12 Event Link Controller
Rev. 1.00 Oct. 03, 2008 Page 389 of 962
REJ09B0465-0100
(4) Input Port-Group Operation upon Event Input and Event Generation
An input port-group generates an event when the signal value of any one of the external pins
connected to the relevant port-group changes. The event-generation condition is specified using
the PGC1 and PGC2 registers. When an event is input to an input port-group, the signal value of
the external pin upon event input is transferred to PDBF. In this case, only the values of the bits
specified as members of the input port-group are transferred. An example of operation is shown in
figure 12.4.
(5) Output Port-Group Operation upon Event Input
When an event is input to an output port-group, the PDR values change to the values according to
the PGC1 or PGC2 settings. An example of operation is shown in figure 12.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com