Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 420 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 420 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 416Page - Renesas Technology Corp H8S/20223 Datasheet HTML 417Page - Renesas Technology Corp H8S/20223 Datasheet HTML 418Page - Renesas Technology Corp H8S/20223 Datasheet HTML 419Page - Renesas Technology Corp H8S/20223 Datasheet HTML 420Page - Renesas Technology Corp H8S/20223 Datasheet HTML 421Page - Renesas Technology Corp H8S/20223 Datasheet HTML 422Page - Renesas Technology Corp H8S/20223 Datasheet HTML 423Page - Renesas Technology Corp H8S/20223 Datasheet HTML 424Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 420 / 992 page
background image
Section 12 Event Link Controller
Rev. 1.00 Oct. 03, 2008 Page 394 of 962
REJ09B0465-0100
12.3.6
Event-Generation Timer
The event-generation timer can generate an event at specified interval. The generated event can be
connected to another module. The features of the timer are given below.
• The interval can be generated using the 16-bit free-running counter.
• The delay time (of 0 to 3 counter clock cycles) can be set, which is the time from the set event-
generation timing (= interval) to actual generation of the event.
• Four-channel event output is available (figure 12.8).
Internal clock
(
φ/8192 to φ)
ELTMCNT
ELTMCR
ELTMSA
ELTMSB
ELTMDR
Channel 0
Channel 1
Channel 2
Channel 3
Output delay
circuit 0
Output delay
circuit 1
Output delay
circuit 2
Output delay
circuit 3
ELC timer event 0
ELC timer event 1
ELC timer event 2
ELC timer event 3
φELC
Figure 12.7 Block Diagram of Event-Generation Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com