Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 440 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 440 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 436Page - Renesas Technology Corp H8S/20223 Datasheet HTML 437Page - Renesas Technology Corp H8S/20223 Datasheet HTML 438Page - Renesas Technology Corp H8S/20223 Datasheet HTML 439Page - Renesas Technology Corp H8S/20223 Datasheet HTML 440Page - Renesas Technology Corp H8S/20223 Datasheet HTML 441Page - Renesas Technology Corp H8S/20223 Datasheet HTML 442Page - Renesas Technology Corp H8S/20223 Datasheet HTML 443Page - Renesas Technology Corp H8S/20223 Datasheet HTML 444Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 992 page
background image
Section 13 Timer RA
Rev. 1.00 Oct. 03, 2008 Page 414 of 962
REJ09B0465-0100
13.4
Usage Notes
1. The prescaler and timer are read out per byte inside the microcomputer even when they are
read out in 16-byte unit. Therefore, the timer value can be updated while those two registers
are read out.
2. The TEDGF and TUNDF bits in TRACR used in pulse width and pulse cycle measurement
modes assume the value 0 when 0 is written by a program and do not change if 1 is written. If
one flag is set to 0 by a program, use the MOV instruction to write 1 to the other flag. In this
manner, unintended flag changes can be prevented.
3. When a transition is made to pulse width or pulse cycle measurement mode from another
mode, the TEDGF and TUNDF bits are undefined. Timer RA counting should be started by
writing 0 to the TEDGF and TUNDF bits.
4. In some cases, the TEDGF bit becomes 1 on the first timer RA prescaler underflow signal that
is generated after the start of counting.
5. When using the pulse cycle measurement mode, set the TEDGF bit to 0 by allowing a length
of time 2 cycles or greater of the timer RA prescaler after the counting process is started.
6. After 1 is written to the TSTART bit when counting is stopped, the TCSTF bit remains 0 for
the number of cycle of count source. Registers associated with the timer RA except the
TRACR for reading should not be accessed until the TCSTF bit becomes 1. Counting starts
from a valid edge of the first count source after the TCSTF bit becomes 1.
After 0 is written to the TSTART bit when counting is in progress, the TCSTF bit remains 1
for the number of cycle of count source. Registers associated with the timer RA except the
TRACR for reading should not be accessed until the TCSTF bit becomes 0. Counting stops
when the TCSTF bit becomes 0.
7. When writing successively to TRAPRE during counting (TCSTF=1), allow a minimum write
interval of 4 cycles of count source.
8. When writing successively to TRATR during counting (TCSTF=1), allow a minimum write
interval of 4 cycles of count source underflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com