Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 449 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 449 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 445Page - Renesas Technology Corp H8S/20223 Datasheet HTML 446Page - Renesas Technology Corp H8S/20223 Datasheet HTML 447Page - Renesas Technology Corp H8S/20223 Datasheet HTML 448Page - Renesas Technology Corp H8S/20223 Datasheet HTML 449Page - Renesas Technology Corp H8S/20223 Datasheet HTML 450Page - Renesas Technology Corp H8S/20223 Datasheet HTML 451Page - Renesas Technology Corp H8S/20223 Datasheet HTML 452Page - Renesas Technology Corp H8S/20223 Datasheet HTML 453Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 992 page
background image
Section 14 Timer RB
Rev. 1.00 Oct. 03, 2008 Page 423 of 962
REJ09B0465-0100
14.2.6
Timer RB Prescaler Register (TRBPRE)
b7
1
b6
1
b5
1
b4
1
b3
1
b2
1
b1
1
b0
1
H'FFFFA4
Bit:
Address:
Value after reset:
TRBPRE is a reload register for the timer RB prescaler. The timer RB prescaler consists of a
reload register and an 8-bit counter.
If a down-count is performed using the count source selected on TRBMR and an underflow
occurs, the value of the reload register is loaded to the counter. The underflow becomes a count
source for TRBTR.
TRBPRE and the counter are assigned to the same address. On write, a value is written to the
reload register, and on read, a counter value is read. During a write to TRBPRE, the load timing
from the reload register to the counter differs between counting in progress and counting stopped
by the setting of the TWRC bit in TRBMR. For details, see descriptions of each operating mode.
The initial values of TRBPRE and the counter are H'FF.
14.2.7
Timer RB Secondary Register (TRBSC)
b7
1
b6
1
b5
1
b4
1
b3
1
b2
1
b1
1
b0
1
H'FFFFA5
Bit:
Address:
Value after reset:
TRBSC is an 8-bit write-only register that sets the secondary period for the timer RB counter. This
register is used only in programmable waveform generation mode and programmable wait one-
shot generation mode. This register is not used in timer mode or programmable one-shot
generation mode.
When TRBSC is written to in any operating mode where TRBSC is used, both the TRBSC and
TRBPR should be written to in this order. Even if only TRBSC is to be modified, TRBPR should
also be set to the previous value. The initial value is H'FF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com