Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 480 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 480 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 476Page - Renesas Technology Corp H8S/20223 Datasheet HTML 477Page - Renesas Technology Corp H8S/20223 Datasheet HTML 478Page - Renesas Technology Corp H8S/20223 Datasheet HTML 479Page - Renesas Technology Corp H8S/20223 Datasheet HTML 480Page - Renesas Technology Corp H8S/20223 Datasheet HTML 481Page - Renesas Technology Corp H8S/20223 Datasheet HTML 482Page - Renesas Technology Corp H8S/20223 Datasheet HTML 483Page - Renesas Technology Corp H8S/20223 Datasheet HTML 484Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 454 of 962
REJ09B0465-0100
15.2.9
Timer RC Digital Filtering Function Select Register (TRCDF)
b7
0
b6
0
b5
0
b4
DFTRG
0
b3
DFD
0
b2
DFC
0
b1
DFB
0
b0
DFA
0
H'FFFF91
DFCK[1:0]
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7, 6
DFCK[1:0]
Digital filter clock
select
These bits select the clock to be used by the
digital filter.
00:
φ/32
01:
φ/8
10:
φ
11: Clock specified by bits CKS2 to CKS0 in
TRCCR1
R/W
5
Reserved
This bit is read as 0. The write value should be 0.
4
DFTRG
Digital filter
function trigger
pin
0: Disables the digital filter for the TRGC pin
1: Enables the digital filter for the TRGC pin
R/W
3
DFD
Digital filter
function D
0: Disables the digital filter for the FTIOD pin
1: Enables the digital filter for the FTIOD pin
R/W
2
DFC
Digital filter
function C
0: Disables the digital filter for the FTIOC pin
1: Enables the digital filter for the FTIOC pin
R/W
1
DFB
Digital filter
function B
0: Disables the digital filter for the FTIOB pin
1: Enables the digital filter for the FTIOB pin
R/W
0
DFA
Digital filter
function A
0: Disables the digital filter for the FTIOA pin
1: Enables the digital filter for the FTIOA pin
R/W
Note:
The setting in this register is valid on the corresponding pin when the FTIOA to FTIOD
inputs are enabled by TRCIOR0 and TRCIOR1 and the TRGC input is selected by bits
TCEG1 and TCEG0 in TRCCR2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com