Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 103 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 99Page - Renesas Technology Corp H8S/20223 Datasheet HTML 100Page - Renesas Technology Corp H8S/20223 Datasheet HTML 101Page - Renesas Technology Corp H8S/20223 Datasheet HTML 102Page - Renesas Technology Corp H8S/20223 Datasheet HTML 103Page - Renesas Technology Corp H8S/20223 Datasheet HTML 104Page - Renesas Technology Corp H8S/20223 Datasheet HTML 105Page - Renesas Technology Corp H8S/20223 Datasheet HTML 106Page - Renesas Technology Corp H8S/20223 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 992 page
background image
Section 4 Interrupt Controller
Rev. 1.00 Oct. 03, 2008 Page 77 of 962
REJ09B0465-0100
• ADTRG1 and ADTRG0 bits (ADTRG2 and ADTRG1 edge select)
These bits select the input edge for the
ADTRG2 and ADTRG1 pins.
4.2.2
Interrupt Priority Registers A to I (IPRA to IPRI)
• IPRA to IPRK
b7
1
b6
1
b5
1
b4
1
b3
1
b2
1
b1
1
b0
1
H'FF0529 to H'FF0531
IPRn[7:6]
IPRn[5:4]
IPRn[3:2]
IPRn[1:0]
(n = A to I)
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
6
IPRn[7:6]
Interrupt priority
7 and 6
00: Priority level 0 (lowest)
01: Priority level 1
10: Priority level 2
11: Priority level 3 (highest)
R/W
5
4
IPRn[5:4]
Interrupt priority
5 and 4
00: Priority level 0 (lowest)
01: Priority level 1
10: Priority level 2
11: Priority level 3 (highest)
R/W
3
2
IPRn[3:2]
Interrupt priority
3 and 2
00: Priority level 0 (lowest)
01: Priority level 1
10: Priority level 2
11: Priority level 3 (highest)
R/W
1
0
IPRn[1:0]
Interrupt priority
1 and 0
00: Priority level 0 (lowest)
01: Priority level 1
10: Priority level 2
11: Priority level 3 (highest)
R/W
[Legend]
n = A to I
• IPR7 to IPR0 bits (Interrupt priority 7 to 0)
IPR are nine 8-bit readable/writable registers that set priorities (levels 3 to 0) for interrupt sources
other than Nonmaskable interrupt request (NMI). The correspondence between interrupt sources
and IPR settings is shown in table 4.2. Setting a value in the range from H'0 to H'3 in the 2-bit
groups of bits 7 and 6, 5and 4, 3 and 2, and, 1 and 0 determines the priority of the corresponding
interrupt requests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com