Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 110 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 106Page - Renesas Technology Corp H8S/20223 Datasheet HTML 107Page - Renesas Technology Corp H8S/20223 Datasheet HTML 108Page - Renesas Technology Corp H8S/20223 Datasheet HTML 109Page - Renesas Technology Corp H8S/20223 Datasheet HTML 110Page - Renesas Technology Corp H8S/20223 Datasheet HTML 111Page - Renesas Technology Corp H8S/20223 Datasheet HTML 112Page - Renesas Technology Corp H8S/20223 Datasheet HTML 113Page - Renesas Technology Corp H8S/20223 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 992 page
background image
Section 4 Interrupt Controller
Rev. 1.00 Oct. 03, 2008 Page 84 of 962
REJ09B0465-0100
4.2.6
IRQ Noise Canceler Control Register (INCCR)
b7
0
b6
0
b5
1
b4
1
b3
1
b2
1
b1
1
b0
1
H'FF0525
INCCR[5:4]
INCCR[3:2]
INCCR[1:0]
Bit:
Address:
Value after reset:
Bit
Bit Name
Initial Value
Description
R/W
7
6
Reserved
These bits are always read as 0. The write
value should always be 0.
5
4
INCCR[5:4]
Noise cancel
performance setting
5 and 4 for
NMI pin
00: TBD
01: Twice of the TBD
10: Four times of the TBD
11: Eight times of the TBD
R/W
3
2
INCCR[3:2]
Noise cancel
performance setting
3 and 2 for
IRQ7 to
IRQ4 pins
00: TBD
01: Twice of the TBD
10: Four times of the TBD
11: Eight times of the TBD
R/W
1
0
INCCR[1:0]
Noise cancel
performance setting
1 and 0 for
IRQ3 to
IRQ0 pins
00: TBD
01: Twice of the TBD
10: Four times of the TBD
11: Eight times of the TBD
R/W
Note:
Noise cancel performance varies according to the manufacturing condition, temperature,
and V
CC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com