Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 146 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 142Page - Renesas Technology Corp H8S/20223 Datasheet HTML 143Page - Renesas Technology Corp H8S/20223 Datasheet HTML 144Page - Renesas Technology Corp H8S/20223 Datasheet HTML 145Page - Renesas Technology Corp H8S/20223 Datasheet HTML 146Page - Renesas Technology Corp H8S/20223 Datasheet HTML 147Page - Renesas Technology Corp H8S/20223 Datasheet HTML 148Page - Renesas Technology Corp H8S/20223 Datasheet HTML 149Page - Renesas Technology Corp H8S/20223 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 992 page
background image
Section 5 Clock Pulse Generator
Rev. 1.00 Oct. 03, 2008 Page 120 of 962
REJ09B0465-0100
5.2.6
OSC Oscillation Settling Control Status Register (OSCCSR)
b7
0
b6
0
b5
0
b4
0
b3
1
b2
1
b1
1
b0
1
H'FF06D5
STS[3:0]
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
Reserved
This bit is read as unknown value. The write value
should be 0.
6 to 4
Reserved
These bits are read as 0. The write value should be 0.
3 to 0
STS[3:0]
φosc oscillation
settling time
select 3 to 0
Specifies the number of wait states for a stable
φosc
oscillation. For the relationship between assigned
values and the numbers of wait states, see table 5.2.
R/W
• STS3 bit to STS0 bit (φosc oscillation settling time select 3 to 0)
Specifies the number of wait states for a stable
φosc oscillation. The count clock is φosc. Table
5.2 shows the relationship between assigned values and the numbers of wait states. If the
system base clock is
φosc when the system returns from the standby mode, or when the system
base clock is switched to
φosc, set these bits so that wait time will be 6.5 ms or greater
depending on the frequency of the oscillator.
If the
φosc is already oscillating stably or the φosc is an external clock input, wait time can be
selected from 16 states (STS[3:0]=B'0000).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com