Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 161 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 157Page - Renesas Technology Corp H8S/20223 Datasheet HTML 158Page - Renesas Technology Corp H8S/20223 Datasheet HTML 159Page - Renesas Technology Corp H8S/20223 Datasheet HTML 160Page - Renesas Technology Corp H8S/20223 Datasheet HTML 161Page - Renesas Technology Corp H8S/20223 Datasheet HTML 162Page - Renesas Technology Corp H8S/20223 Datasheet HTML 163Page - Renesas Technology Corp H8S/20223 Datasheet HTML 164Page - Renesas Technology Corp H8S/20223 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 992 page
background image
Section 5 Clock Pulse Generator
Rev. 1.00 Oct. 03, 2008 Page 135 of 962
REJ09B0465-0100
5.3.4
Backup Operation
If the operating clock for the system is
φosc and the backup function is enabled, when the main
oscillator detects an oscillation halt condition, the system clock automatically switches to either
φhoco or φlow, according to BAKCKSEL in BAKCR. The period from the stopping of the main
oscillator to the time the system clock is operating from
φhoco or φlow will be clock halt detection
time + oscillation stabilization wait time for the backup clock. Time to wait for oscillation
stabilization is 0 ms if the target backup clock is already oscillating when stopping of the main
oscillator is detected.
To reduce power consumption, it is also possible to set the target backup clock to a stopped state
when the backup function is enabled. In that case, the target backup clock is automatically
activated when stopping of the main clock oscillator is detected. The system clock is then changed
after a certain amount of oscillation settling time (approximately T.B.D.
µs in the case of φhoco).
This LSI circuit may malfunction during operation with the back-up function. Accordingly, usage
with the watchdog timer is recommended.
OSCHLT
BAKCLK
φOSC
φbase
Operation at main oscillator clock
φOSC stops
Clock switching
time
Operation at backup destination clock
[Legend]
φOSC: Main oscillator clock
OSCHLT: Main oscillator clock stop detection signal
BAKCLK: Backup destination clock
φbase: System base clock
Figure 5.9 Timing of Backup Operation When Main Oscillator Stops at High Level
(When the backup destination clock is active)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com