Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 193 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 189Page - Renesas Technology Corp H8S/20223 Datasheet HTML 190Page - Renesas Technology Corp H8S/20223 Datasheet HTML 191Page - Renesas Technology Corp H8S/20223 Datasheet HTML 192Page - Renesas Technology Corp H8S/20223 Datasheet HTML 193Page - Renesas Technology Corp H8S/20223 Datasheet HTML 194Page - Renesas Technology Corp H8S/20223 Datasheet HTML 195Page - Renesas Technology Corp H8S/20223 Datasheet HTML 196Page - Renesas Technology Corp H8S/20223 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 167 of 962
REJ09B0465-0100
• FMLBD bit (lock bit disable)
This bit disables the lock-bit function. Setting FMLBD to 1 enables erasing/programming the
block to which the lock-bit protection is applied. For the relationship between the FMLBD bit
and the lock bit for the block, see table 7.2 below. Command sequence error occurs when the
erasing/programming command is executed while disabling the erase program.
Table 7.2
Relationship between FMLBD, Lock Bit, and Corresponding
Erasure/Programming Operation
FMLBD
Lock Bit
Erasure/Programming Operation
1
Erasure/programming possible
0
1 (erased state)
0 (programmed state)
Erasure/programming impossible
• FMWUS bit (CPU reprogramming-instruction select)
Setting the FMWUS bit to 0 enables software commands to be issued through byte
instructions. Setting the FMWUS bit to 1 enables software commands to be issued through
word instructions. For software commands, see section 7.6.1, Software Commands.
• FMEWMOD bit (EW mode select)
Setting the FMEWMOD bit to 0 and the FMCMDEN bit to 1 selects EW0 mode. Setting the
FMEWMOD and FMCMDEN bits to 1 selects EW1.
• FMCMDEN bit (flash memory software command enable)
Setting the FMCMDEN bit to 1 enables software commands to be accepted. For issuing
software commands to the data flash areas, appropriately set the flash memory data flash
protect register (DFPR), which is described in section 7.4.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com