Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 245 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 241Page - Renesas Technology Corp H8S/20223 Datasheet HTML 242Page - Renesas Technology Corp H8S/20223 Datasheet HTML 243Page - Renesas Technology Corp H8S/20223 Datasheet HTML 244Page - Renesas Technology Corp H8S/20223 Datasheet HTML 245Page - Renesas Technology Corp H8S/20223 Datasheet HTML 246Page - Renesas Technology Corp H8S/20223 Datasheet HTML 247Page - Renesas Technology Corp H8S/20223 Datasheet HTML 248Page - Renesas Technology Corp H8S/20223 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 219 of 962
REJ09B0465-0100
(6) Read-Array Command
A read-array command is to cause a transition to a mode in which data can be read from flash
memory.
When H'FF is written in the first command cycle, a transition to read array mode is caused. When
the specified addresses are read out in the subsequent command cycles, data is read from the
specified addresses.
Since read-array mode is retained until any other command is written, multiple addresses can be
read successively.
(7) Lock-Bit Reading Command
A lock-bit reading command is to cause a transition to a mode in which the lock bit in flash
memory can be read.
When H'71 is written in the first command cycle and H'D0 is written to any address in the block in
the second command cycle, lock-bit reading of the specified block is started.
After transition to lock-bit read mode, reading the specified block address BA returns the lock-bit
value in the bit 14 value to be read. Do not execute a lock-bit read command in the ROM.
(8) Status Clearing Command
A clear-status command is used to clear the status flag to 0.
When H'50 is written in the first command cycle, the FMPRSF and FMEBSF bits in FLMSTR are
cleared to 0.
(9) Full Status Checking
When any command (other than the read-array command, lock bit reading command and clear-
status command) is issued, full-status checking is performed to confirm whether or not there was
an error.
When an error occurs, the FMPRSF and FMEBSF bits in FLMSTR are set to 1, indicating the
occurrence of the relevant errors.
Table 7.11 shows the bit values in FLMSTR and the corresponding errors. Figure 7.19 shows the
full status checking flowchart and procedures of handling each error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com