Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 251 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 251 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 247Page - Renesas Technology Corp H8S/20223 Datasheet HTML 248Page - Renesas Technology Corp H8S/20223 Datasheet HTML 249Page - Renesas Technology Corp H8S/20223 Datasheet HTML 250Page - Renesas Technology Corp H8S/20223 Datasheet HTML 251Page - Renesas Technology Corp H8S/20223 Datasheet HTML 252Page - Renesas Technology Corp H8S/20223 Datasheet HTML 253Page - Renesas Technology Corp H8S/20223 Datasheet HTML 254Page - Renesas Technology Corp H8S/20223 Datasheet HTML 255Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 225 of 962
REJ09B0465-0100
7.7
Protection
Three modes are available to protect the flash memory against reading, programming, and erasing:
software protection, lock-bit protection, and protection to restrict access in programmer mode and
boot mode.
7.7.1
Software Protection
Software commands can be disabled by clearing the FMCMDEN bit in the flash memory control
register (FLMCR1) through software. In this state, no software commands are executed even if
input.
Data flash areas can be protected in block units by using the flash memory data flash protect
register (DFPR). Setting bits DFPR1 and DFPR0 in DFPR to 1 places all the data flash areas in
protect mode.
7.7.2
Lock-Bit Protection
The programming/erasure commands can be disabled by programming the lock bits using the
lock-bit programming command. In this state, the erasure/programming commands are not
executed even if input. This prevents flash memory from being erroneously erased or programmed
due to CPU runaway.
The protection function can be temporarily disabled by setting the FMLBD bit in FLMCR1 to 1.
To clear the lock bit, erase the specified block. Note that lock bits are unavailable in data flash
areas.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com