Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 277 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 277 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 273Page - Renesas Technology Corp H8S/20223 Datasheet HTML 274Page - Renesas Technology Corp H8S/20223 Datasheet HTML 275Page - Renesas Technology Corp H8S/20223 Datasheet HTML 276Page - Renesas Technology Corp H8S/20223 Datasheet HTML 277Page - Renesas Technology Corp H8S/20223 Datasheet HTML 278Page - Renesas Technology Corp H8S/20223 Datasheet HTML 279Page - Renesas Technology Corp H8S/20223 Datasheet HTML 280Page - Renesas Technology Corp H8S/20223 Datasheet HTML 281Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 992 page
background image
Section 9 Peripheral I/O Mapping Controller
Rev. 1.00 Oct. 03, 2008 Page 251 of 962
REJ09B0465-0100
(c)
Port 5 Peripheral Function Mapping Register 3 (PMCR53)
b7
0
b6
1
b5
P55MD[2:0]
0
b4
0
b3
0
b2
1
b1
P54MD[2:0]
0
b0
0
H'FF0052
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
Reserved
This bit is always read as 0. The write value should
always be 0.
6 to 4
P55MD[2:0]
P55 function
select
000: Setting prohibited
001:
IRQ5 input
010: SCK3_2 input/output (SCI3_2)
011: SCK3_3 input/output (SCI3_3)
100: SSCK input/output*
3 (SSU) (initial value)
101: FTIOB1 input/output (timer RD_0)
110:
TRDOI_1 !Unexpected End of
Formulainput/output (timer RD_1)*
1
111: Setting prohibited
R/W
3
Reserved
This bit is always read as 0. The write value should
always be 0.
2 to 0
P54MD[2:0]
P54 function
select
000: Setting prohibited
001:
IRQ4 input
010:
TRDOI_0 input (timer RD_0)
011: FTCI input (timer RC)*
2
100: SSO input/output*
3 (SSU) (initial value)
101: FTIOA1 input/output (timer RD_0)
110: TRAIO input/output (timer RA)
111: Setting prohibited
R/W
Notes: 1. This function cannot be selected for the H8S/20103 group.
2. The timer RC is not available on the H8S/20203 and H8S/20223 groups. These bits are
reserved and the function cannot be selected for these groups.
3. If the NMOS open-drain output is selected for the SSCK output pin or the SSO output
pin, use the PMC to allocate that pin from port 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com