Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 283 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 279Page - Renesas Technology Corp H8S/20223 Datasheet HTML 280Page - Renesas Technology Corp H8S/20223 Datasheet HTML 281Page - Renesas Technology Corp H8S/20223 Datasheet HTML 282Page - Renesas Technology Corp H8S/20223 Datasheet HTML 283Page - Renesas Technology Corp H8S/20223 Datasheet HTML 284Page - Renesas Technology Corp H8S/20223 Datasheet HTML 285Page - Renesas Technology Corp H8S/20223 Datasheet HTML 286Page - Renesas Technology Corp H8S/20223 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 992 page
background image
Section 9 Peripheral I/O Mapping Controller
Rev. 1.00 Oct. 03, 2008 Page 257 of 962
REJ09B0465-0100
(d) Port 6 Peripheral Function Mapping Register 4 (PMCR64)
b7
0
b6
1
b5
P67MD[2:0]
0
b4
1
b3
0
b2
1
b1
P66MD[2:0]
0
b0
1
H'FF0057
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
Reserved
This bit is always read as 0. The write value
should always be 0.
6 to 4
P67MD[2:0]
P67 function
select
000: Setting prohibited
001:
IRQ7 input
010: TXD_2 output (SCI3_2)
011: TXD_3 output (SCI3_3)
100: SSI/SCL input/output*
1 (SSU/IIC2)
101: FTIOD1 input/output (timer RD_0)
(initial value)
110:
ADTRG2 input (AD_2) *2
111: Setting prohibited
R/W
3
Reserved
This bit is always read as 0. The write value
should always be 0.
2 to 0
P66MD[2:0]
P66 function
select
000: Setting prohibited
001:
IRQ6 input
010: RXD_2 input (SCI3_2)
011: RXD_3 input (SCI3_3)
100:
SCS/SDA input/output*1*3 (SSU/IIC2)
101: FTIOC1 input/output (timer RD_0)
(initial value)
110:
ADTRG1 input (AD_1)
111: Setting prohibited
R/W
Notes: 1. When the IIC2/SSU is used as the IIC2 function, the SCL and SDA functions should be
allocated to the P56 and P57 pins because SCL and SDA require buffers dedicated for
IIC input/output. When the ICSU is used for the SSU function except *
2, there is no
restriction.
2. This function cannot be selected for the H8S/20103 and H8S/20203 groups.
3. If the
SCS output pin of the SSU is set, the NMOS open-drain output cannot be
selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com