Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 320 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 316Page - Renesas Technology Corp H8S/20223 Datasheet HTML 317Page - Renesas Technology Corp H8S/20223 Datasheet HTML 318Page - Renesas Technology Corp H8S/20223 Datasheet HTML 319Page - Renesas Technology Corp H8S/20223 Datasheet HTML 320Page - Renesas Technology Corp H8S/20223 Datasheet HTML 321Page - Renesas Technology Corp H8S/20223 Datasheet HTML 322Page - Renesas Technology Corp H8S/20223 Datasheet HTML 323Page - Renesas Technology Corp H8S/20223 Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 992 page
background image
Section 10 I/O Ports
Rev. 1.00 Oct. 03, 2008 Page 294 of 962
REJ09B0465-0100
10.5.3
Port Data Register 6 (PDR6)
b7
PDR67
0
b6
PDR66
0
b5
PDR65
0
b4
PDR64
0
b3
PDR63
0
b2
PDR62
0
b1
PDR61
0
b0
PDR60
0
H'FFFFE5
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
PDR67
Port 67 data
R/W
6
PDR66
Port 66 data
R/W
5
PDR65
Port 65 data
R/W
4
PDR64
Port 64 data
R/W
3
PDR63
Port 63 data
R/W
2
PDR62
Port 62 data
R/W
1
PDR61
Port 61 data
R/W
0
PDR60
Port 60 data
0: Low level
1: High level
PDR6 is a register that stores output data for port 6
pins. When PCR6 bits are set to 1, the values
stored in PDR6 are output.
When PDR6 is read while PCR6 bits are set to 1,
the values stored in PDR6 are read. If PDR6 is read
while PCR6 bits are cleared to 0, the pin states are
read regardless of the value stored in PDR6.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com