Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 343 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 343 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 339Page - Renesas Technology Corp H8S/2437 Datasheet HTML 340Page - Renesas Technology Corp H8S/2437 Datasheet HTML 341Page - Renesas Technology Corp H8S/2437 Datasheet HTML 342Page - Renesas Technology Corp H8S/2437 Datasheet HTML 343Page - Renesas Technology Corp H8S/2437 Datasheet HTML 344Page - Renesas Technology Corp H8S/2437 Datasheet HTML 345Page - Renesas Technology Corp H8S/2437 Datasheet HTML 346Page - Renesas Technology Corp H8S/2437 Datasheet HTML 347Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 746 page
background image
Rev. 1.00, 09/03, page 305 of 704
Common Registers:
• Timer start register (TSTR)
• Timer synchro register (TSYR)
12.3.1
Timer Control Register (TCR)
TCR controls the TCNT operation for each channel. The TPU has a total of three TCR registers,
one for each channel (channels 0 to 2). TCR settings should be made only when TCNT operation
is stopped.
Bit
Bit Name Initial Value
R/W
Description
7
6
5
CCLR2
CCLR1
CCLR0
0
0
0
R/W
R/W
R/W
Counter Clear 2 to 0
Select the TCNT counter clearing source. See tables 12.3
and 12.4 for details.
4
3
CKEG1
CKEG0
0
0
R/W
R/W
Clock Edge 1, 0
Select the input clock edge. When the internal clock is
counted using both edges, the input clock cycle is 1/2
(example:
φ/4 both edges = φ/2 rising edge). If phase
counting mode is used on channels 1 and 2, this setting
is ignored and the phase counting mode setting has
priority. Internal clock edge selection is valid when the
input clock is
φ/4 or slower. This setting is ignored if the
input clock is
φ/1 and the rising edge counting is selected.
00: Count at rising edge
01: Count at falling edge
1x: Count at both edges
[Legend] x: Don't care
2
1
0
TPSC2
TPSC1
TPSC0
0
0
0
R/W
R/W
R/W
Timer Prescaler 2 to 0
Select the TCNT counter clock. The clock source can be
selected independently for each channel. See tables 12.5
to 12.7 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com