| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 344 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 344 Page - Renesas Technology Corp |
|
344 / 746 page ![]() Rev. 1.00, 09/03, page 306 of 704 Table 12.3 CCLR2 to CCLR0 (Channel 0) Channel Bit 7 CCLR2 Bit 6 CCLR1 Bit 5 CCLR0 Description 0 TCNT clearing disabled 0 1 TCNT cleared by TGRA compare match/input capture 0 TCNT cleared by TGRB compare match/input capture 0 1 1 TCNT cleared by counter clearing for another channel performing synchronous clearing/synchronous operation* 1 0 TCNT clearing disabled 0 1 TCNT cleared by TGRC compare match/input capture* 2 0 TCNT cleared by TGRD compare match/input capture* 2 0 1 1 1 TCNT cleared by counter clearing for another channel performing synchronous clearing/synchronous operation* 1 Notes: 1. Synchronous operation setting is performed by setting the SYNC bit in TSYR to 1. 2. When TGRC or TGRD is used as a buffer register, TCNT is not cleared because the buffer register setting has priority, and compare match/input capture dose not occur. Table 12.4 CCLR2 to CCLR0 (Channels 1 and 2) Channel Bit 7 Reserved* 2 Bit 6 CCLR1 Bit 5 CCLR0 Description 0 TCNT clearing disabled 0 1 TCNT cleared by TGRA compare match/input capture 0 TCNT cleared by TGRB compare match/input capture 1, 2 0 1 1 TCNT cleared by counter clearing for another channel performing synchronous clearing/synchronous operation* 1 Notes: 1. Synchronous operation setting is performed by setting the SYNC bit in TSYR to 1. 2. Bit 7 is reserved in channels 1 and 2. It is always read as 0 and cannot be modified. |