Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 352 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 352 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 348Page - Renesas Technology Corp H8S/2437 Datasheet HTML 349Page - Renesas Technology Corp H8S/2437 Datasheet HTML 350Page - Renesas Technology Corp H8S/2437 Datasheet HTML 351Page - Renesas Technology Corp H8S/2437 Datasheet HTML 352Page - Renesas Technology Corp H8S/2437 Datasheet HTML 353Page - Renesas Technology Corp H8S/2437 Datasheet HTML 354Page - Renesas Technology Corp H8S/2437 Datasheet HTML 355Page - Renesas Technology Corp H8S/2437 Datasheet HTML 356Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 746 page
background image
Rev. 1.00, 09/03, page 314 of 704
Table 12.12 TIORL_0 (Channel 0)
Description
Bit 3
IOC3
Bit 2
IOC2
Bit 1
IOC1
Bit 0
IOC0
TGRC_0
Function
TIOCC0 Pin Function
0
Output disabled
0
1
Initial output is 0 output
0 output at compare match
0
Initial output is 0 output
1 output at compare match
0
1
1
Initial output is 0 output
Toggle output at compare match
0
Output disabled
0
1
Initial output is 1 output
0 output at compare match
0
Initial output is 1 output
1 output at compare match
0
1
1
1
Output
compare
register*
Initial output is 1 output
Toggle output at compare match
0
Capture input source is TIOCC0 pin
Input capture at rising edge
0
1
Capture input source is TIOCC0 pin
Input capture at falling edge
0
1
×
Capture input source is TIOCC0 pin
Input capture at both edges
1
1
×
×
Input capture
register*
Capture input source is channel
1/count clock
Input capture at TCNT_1 count-
up/count-down
[Legend] x: Don't care
Note:
*
When the BFA bit in TMDR_0 is set to 1 and TGRC_0 is used as a buffer register, this
setting is invalid and input capture/output compare is not generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More