Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 348 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 344Page - Renesas Technology Corp H8S/2437 Datasheet HTML 345Page - Renesas Technology Corp H8S/2437 Datasheet HTML 346Page - Renesas Technology Corp H8S/2437 Datasheet HTML 347Page - Renesas Technology Corp H8S/2437 Datasheet HTML 348Page - Renesas Technology Corp H8S/2437 Datasheet HTML 349Page - Renesas Technology Corp H8S/2437 Datasheet HTML 350Page - Renesas Technology Corp H8S/2437 Datasheet HTML 351Page - Renesas Technology Corp H8S/2437 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 746 page
background image
Rev. 1.00, 09/03, page 310 of 704
12.3.3
Timer I/O Control Register (TIOR)
TIOR controls TGR. The TPU has a total of four TIOR registers, two for channel 0, and one each
for channels 1 and 2. Care is required since TIOR is affected by the TMDR setting.
The initial output specified by TIOR is valid when the counter is stopped (the CST bit in TSTR is
cleared to 0). Note also that, in PWM mode 2, the output at the point at which the counter is
cleared to 0 is specified.
When TGRC or TGRD is designated for buffer operation, this setting is invalid and TIOR
operates as a buffer register.
•••• TIORH_0, TIOR_1, TIOR_2
Bit
Bit Name Initial Value
R/W
Description
7
6
5
4
IOB3
IOB2
IOB1
IOB0
0
0
0
0
R/W
R/W
R/W
R/W
I/O Control B3 to B0
Specify the function of TGRB.
3
2
1
0
IOA3
IOA2
IOA1
IOA0
0
0
0
0
R/W
R/W
R/W
R/W
I/O Control A3 to A0
Specify the function of TGRA.
•••• TIORL_0
Bit
Bit Name Initial Value
R/W
Description
7
6
5
4
IOD3
IOD2
IOD1
IOD0
0
0
0
0
R/W
R/W
R/W
R/W
I/O Control D3 to D0
Specify the function of TGRD.
3
2
1
0
IOC3
IOC2
IOC1
IOC0
0
0
0
0
R/W
R/W
R/W
R/W
I/O Control C3 to C0
Specify the function of TGRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More