Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 403 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 403 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 399Page - Renesas Technology Corp H8S/2437 Datasheet HTML 400Page - Renesas Technology Corp H8S/2437 Datasheet HTML 401Page - Renesas Technology Corp H8S/2437 Datasheet HTML 402Page - Renesas Technology Corp H8S/2437 Datasheet HTML 403Page - Renesas Technology Corp H8S/2437 Datasheet HTML 404Page - Renesas Technology Corp H8S/2437 Datasheet HTML 405Page - Renesas Technology Corp H8S/2437 Datasheet HTML 406Page - Renesas Technology Corp H8S/2437 Datasheet HTML 407Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 746 page
background image
TIMC0N01_010020020700
Rev. 1.00, 09/03, page 365 of 704
Section 13 Timer Connection
This LSI incorporates the timer connection with two channels. The timer connection allows
interconnection by using the combination of input pins and I/O for a 16-bit free-running timer
(FRT) and 8-bit timer (TMR1, TMRX, and TMRY). This capability can be used to implement
complex functions such as PWM decoding and clamp waveform output.
13.1
Features
• Eight input pins and four output pins, all of which can be designated for phase.
Five input pins for channel 0 and three input pins for channel 1
Positive logic is assumed for all signals used within the timer connection facility.
• An edge-detection circuit is connected to the input pins, simplifying signal input detection.
• TMRX can be used for PWM input signal decoding.
• TMRX can be used for clamp waveform generation.
• An external clock signal divided by TMR1 can be used as the FRT capture input signal.
• An internal synchronization signal can be generated using the FRT and TMRY.
• A signal generated/modified using an input signal and timer connection can be selected and
output.
This LSI incorporates the timer connection with two channels and some output pins are shared.
Figure 13.1 shows a schematic diagram of the timer connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com