Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 407 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 407 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 403Page - Renesas Technology Corp H8S/2437 Datasheet HTML 404Page - Renesas Technology Corp H8S/2437 Datasheet HTML 405Page - Renesas Technology Corp H8S/2437 Datasheet HTML 406Page - Renesas Technology Corp H8S/2437 Datasheet HTML 407Page - Renesas Technology Corp H8S/2437 Datasheet HTML 408Page - Renesas Technology Corp H8S/2437 Datasheet HTML 409Page - Renesas Technology Corp H8S/2437 Datasheet HTML 410Page - Renesas Technology Corp H8S/2437 Datasheet HTML 411Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 746 page
background image
Rev. 1.00, 09/03, page 369 of 704
13.3
Register Descriptions
The timer connection has the following registers in each channel.
• Timer connection register I (TCONRI)
• Timer connection register O (TCONRO)
• Timer connection register S (TCONRS)
• Edge sense register (SEDGR)
• Timer extended control register (TECR)
13.3.1
Timer Connection Register I (TCONRI)
TCONRI controls connection between timers, the signal source for synchronization signal input,
phase inversion, etc.
Bit
Bit Name
Initial Value
R/W
Description
7
6
SIMOD1
SIMOD0
0
0
R/W
R/W
Input Synchronization Mode Select 1, 0
Select the signal source of the IHI and IVI signals.
• Mode
00: No signal
01: S-on-G mode
10: Composite mode
11: Separate mode
• IHI Signal
00: HFBACKI input (setting prohibited for channel 1)
01: CSYNCI input
10: HSYNCI input
11: HSYNCI input
• IVI Signal
00: VFBACKI input (setting prohibited for channel 1)
01: PDC input
10: PDC input
11: VSYNCI input
5
SCONE
0
R/W
Synchronization Signal Connection Enable
Selects the signal source of the FTI input for the
FRT, TMI1 input for the TMR1, and TMIX input for
the TMRX. For details, see table 13.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com