Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 424 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 424 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 420Page - Renesas Technology Corp H8S/2437 Datasheet HTML 421Page - Renesas Technology Corp H8S/2437 Datasheet HTML 422Page - Renesas Technology Corp H8S/2437 Datasheet HTML 423Page - Renesas Technology Corp H8S/2437 Datasheet HTML 424Page - Renesas Technology Corp H8S/2437 Datasheet HTML 425Page - Renesas Technology Corp H8S/2437 Datasheet HTML 426Page - Renesas Technology Corp H8S/2437 Datasheet HTML 427Page - Renesas Technology Corp H8S/2437 Datasheet HTML 428Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 746 page
background image
Rev. 1.00, 09/03, page 386 of 704
Table 13.7
Examples of TCR and TCSR Settings
Register
Bit
Abbreviation
Contents
Description
7
CMIEB
0
6
CMIEA
0
5
OVIE
0
Interrupts due to compare-match and
overflow are disabled
4, 3
CCLR1, CCLR0 11
TCNT is cleared by the rising edge of the
external reset signal (inverse of the IVI
signal)
TCR of TMR1
2 to 0
CKS2 to CKS0
101
TCNT is incremented on the rising edge
of the external clock (IHI signal)
0011
Not changed by compare-match B; output
inverted by compare-match A (toggle
output): Division by 512
TCSR of TMR1
3 to 0
OS3 to OS0
1001
When TCORB < TCORA, 1 output on
compare-match B, and 0 output on
compare-match A: Division by 256
6
IEDGB
0/1
0: FRC value is transferred to ICRB on
falling edge of input capture input B
(IHI divided signal waveform)
1: FRC value is transferred to ICRB on
rising edge of input capture input B
(IHI divided signal waveform)
TCR of FRT
1, 0
CKS1, CKS0
01
FRC is incremented on internal clock:
φ/8
TCSR of FRT
0
CCLRA
0
FRC clearing is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com