| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 423 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 423 Page - Renesas Technology Corp |
|
423 / 746 page ![]() Rev. 1.00, 09/03, page 385 of 704 13.4.3 Measurement of 8-Bit Timer Divided Waveform Period The timer connection, TMR1, and FRT can be used to measure the period of an IHI signal divided waveform. Since the TMR1 can be cleared by a rising edge of the inverted IVI signal, the rise and fall of the IHI signal divided waveform can be synchronized with the IVI signal. This enables period measurement to be carried out efficiently. Figure 13.8 shows a block diagram for the period measurement of the 8-bit timer divided waveform. To measure the period of an IHI signal divided waveform, TCNT of the TMR1 is set to count the external clock (IHI signal) pulses and to be cleared on the rising edge of the external reset signal (inverse of the IVI signal). The value to be used as the division ratio is written to TCORA, and the TMO output method is specified by the OS bit in TCSR. Examples of TCR and TCSR settings of the TMR1 and FRT are shown in table 13.7, and the timing chart for measurement of the IVI signal and IHI signal divided waveform periods is shown in figure 13.9. The period of the IHI signal divided waveform is given by (ICRD(3) – ICRD(2)) × resolution. Internal clock Clock Clear Clear Capture Control logic TCNT CMA CMB TMO FTIB Control logic IVI signal IHI signal TCORA Comparator A TCORB Comparator B FRC ICRB FRT TMR1 Figure 13.8 Block Diagram for Measurement of 8-Bit Timer Divided Waveform Period |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |