Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 429 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 429 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 425Page - Renesas Technology Corp H8S/2437 Datasheet HTML 426Page - Renesas Technology Corp H8S/2437 Datasheet HTML 427Page - Renesas Technology Corp H8S/2437 Datasheet HTML 428Page - Renesas Technology Corp H8S/2437 Datasheet HTML 429Page - Renesas Technology Corp H8S/2437 Datasheet HTML 430Page - Renesas Technology Corp H8S/2437 Datasheet HTML 431Page - Renesas Technology Corp H8S/2437 Datasheet HTML 432Page - Renesas Technology Corp H8S/2437 Datasheet HTML 433Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 746 page
background image
Rev. 1.00, 09/03, page 391 of 704
Table 13.9
Examples of TCR, TCSR, and TCORB Settings
Register
Bit
Abbreviation Contents Description
7
CMIEB
0
6
CMIEA
0
5
OVIE
0
Interrupts due to compare-match and
overflow are disabled
4, 3
CCLR1,
CCLR0
11
TCNT is cleared by the rising edge of the
external reset signal (inverse of the IVI
signal)
TCR of TMR1
2 to 0
CKS2 to
CKS0
101
TCNT is incremented on the rising edge
of the external clock (IHI signal)
0011
Not changed by compare-match B; output
inverted by compare-match A (toggle
output)
TCSR of TMR1
3 to 0
OS3 to OS0
1001
When TCORB < TCORA, 1 output on
compare-match B, 0 output on
compare-match A
TCORB of TMR1 H'03
(example)
Compare-match on the 4th (example) rise of the IHI signal after the
rise of the inverse of the IVI signal
0
1
2
3
4
5
TCNT
TCNT = TCORB (3)
IHI signal
IVI signal (PDC signal)
IVO signal
(without fall modification,
with IHI synchronization)
IVO signal
(with fall modification,
without IHI synchronization)
IVO signal
(with fall modification
and IHI synchronization)
Figure 13.13 Fall Modification and IHI Synchronization Timing Chart
13.4.6
Internal Synchronization Signal Generation (IHG/IVG/CL4 Signal Generation)
By using the timer connection, FRT, and TMRY, it is possible to automatically generate internal
signals (IHG and IVG signals) corresponding to the IHI and IVI signals. As the IHG signal is
synchronized with the rise of the IVG signal, the IHG signal period must be made a divisor of the
IVG signal period in order to keep it constant. In addition, the CL4 signal can be generated in
synchronization with the IHG signal. Figure 13.14 shows a block diagram for IHG signal
generation and figure 13.15 shows a block diagram for IVG signal generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com