Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 430 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 430 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 426Page - Renesas Technology Corp H8S/2437 Datasheet HTML 427Page - Renesas Technology Corp H8S/2437 Datasheet HTML 428Page - Renesas Technology Corp H8S/2437 Datasheet HTML 429Page - Renesas Technology Corp H8S/2437 Datasheet HTML 430Page - Renesas Technology Corp H8S/2437 Datasheet HTML 431Page - Renesas Technology Corp H8S/2437 Datasheet HTML 432Page - Renesas Technology Corp H8S/2437 Datasheet HTML 433Page - Renesas Technology Corp H8S/2437 Datasheet HTML 434Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 746 page
background image
Rev. 1.00, 09/03, page 392 of 704
The contents of OCRA of the FRT can be updated by the automatic addition of the contents of
OCRAR or OCRAF, alternately, each time a compare-match occurs. A value corresponding to the
0 interval of the IVG signal is written to OCRAR, and a value corresponding to the 1 interval of
the IVG signal is written to OCRAF. The IVG signal is set by a compare-match after an OCRAR
addition, and reset by a compare-match after an OCRAF addition.
The IHG signal is the TMRY timer output. The TMRY is set to count internal clock pulses, and to
be cleared on a TCORA compare-match, to fix the period and set the timer output. TCORB is set
so as to reset the timer output. The IVG signal is connected as the TMRY reset input (TMRI), and
the rise of the IVG signal can be treated in the same way as a TCORA compare-match.
The CL4 signal is a waveform that rises within one system clock period after the fall of the IHG
signal, and has an interval of 1 for 6 system clock periods.
Examples of TCR, TCSR, TCORA, and TCORB settings of the TMRY, and TCR, OCRAR,
OCRAF, and TOCR settings of the FRT are shown in table 13.10, and the IHG signal and IVG
signal timing chart is shown in figure 13.16.
Vertical
synchronization
signal generator
Internal clock
IVG signal
OCRA
OCRAR/F
FRC
CMA
Comparator A
FRT
Figure 13.14 Block Diagram for IVG Signal Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com