Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 495 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 495 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 491Page - Renesas Technology Corp H8S/2437 Datasheet HTML 492Page - Renesas Technology Corp H8S/2437 Datasheet HTML 493Page - Renesas Technology Corp H8S/2437 Datasheet HTML 494Page - Renesas Technology Corp H8S/2437 Datasheet HTML 495Page - Renesas Technology Corp H8S/2437 Datasheet HTML 496Page - Renesas Technology Corp H8S/2437 Datasheet HTML 497Page - Renesas Technology Corp H8S/2437 Datasheet HTML 498Page - Renesas Technology Corp H8S/2437 Datasheet HTML 499Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 495 / 746 page
background image
Rev. 1.00, 09/03, page 457 of 704
Yes
<End>
[1]
No
Initialization
Start reception
No
Yes
[4]
Clear RE bit in SCR to 0
Error processing
(Continued on
next page)
[5]
No
Yes
FER
ORER = 1
RDRF = 1
All data received?
Set MPIE bit in SCR to 1
[2]
Read ORER and FER flags in SSR
Read RDRF flag in SSR
[3]
Read receive data in RDR
No
Yes
This station’s ID?
Read ORER and FER flags in SSR
Yes
No
Read RDRF flag in SSR
No
Yes
FER
ORER = 1
Read receive data in RDR
RDRF = 1
[1] SCI initialization:
The RxD pin is automatically designated
as the receive data input pin.
[2] ID reception cycle:
Set the MPIE bit in SCR to 1.
[3] SCI status check, ID reception and
comparison:
Read SSR and check that the RDRF
flag is set to 1, then read the receive
data in RDR and compare it with this
station’s ID.
If the data is not this station’s ID, set the
MPIE bit to 1 again, and clear the RDRF
flag to 0.
If the data is this station’s ID, clear the
RDRF flag to 0.
[4] SCI status check and data reception:
Read SSR and check that the RDRF
flag is set to 1, then read the data in
RDR.
[5] Receive error processing and break
detection:
If a receive error occurs, read the ORER
and FER flags in SSR to identify the
error. After performing the appropriate
error processing, ensure that the ORER
and FER flags are all cleared to 0.
Reception cannot be resumed if either
of these flags is set to 1.
In the case of a framing error, a break
can be detected by reading the RxD pin
value.
[Legend]
: Logical add (OR)
Figure 16.13 Sample Multiprocessor Serial Reception Flowchart (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com