Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 499 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 499 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 495Page - Renesas Technology Corp H8S/2437 Datasheet HTML 496Page - Renesas Technology Corp H8S/2437 Datasheet HTML 497Page - Renesas Technology Corp H8S/2437 Datasheet HTML 498Page - Renesas Technology Corp H8S/2437 Datasheet HTML 499Page - Renesas Technology Corp H8S/2437 Datasheet HTML 500Page - Renesas Technology Corp H8S/2437 Datasheet HTML 501Page - Renesas Technology Corp H8S/2437 Datasheet HTML 502Page - Renesas Technology Corp H8S/2437 Datasheet HTML 503Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 499 / 746 page
background image
Rev. 1.00, 09/03, page 461 of 704
5. If the TDRE flag is cleared to 0, the next transmit data is transferred from TDR to TSR, and
serial transmission of the next frame is started.
6. If the TDRE flag is set to 1, the TEND flag in SSR is set to 1, and the SCI maintains the output
state of the last bit. If the TEIE bit in SCR is set to 1 at this time, a TEI interrupt request is
generated. The SCK pin is fixed high.
Figure 16.17 shows a sample flowchart for serial data transmission. Even if the TDRE flag is
cleared to 0, transmission will not start while a receive error flag (ORER, FER, or PER) is set to 1.
Make sure to clear the receive error flags to 0 before starting transmission. Note that clearing the
RE bit to 0 does not clear the receive error flags.
Transfer direction
Bit 0
Serial data
Synchronization
clock
1 frame
TDRE
TEND
Data written to TDR
and TDRE flag cleared
to 0 in TXI interrupt
processing routine
TXI interrupt
request generated
Bit 1
Bit 7
Bit 0
Bit 1
Bit 6
Bit 7
TXI interrupt
request generated
TEI interrupt request
generated
Figure 16.16 Sample SCI Transmission Operation in Clocked Synchronous Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com