Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 501 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 501 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 497Page - Renesas Technology Corp H8S/2437 Datasheet HTML 498Page - Renesas Technology Corp H8S/2437 Datasheet HTML 499Page - Renesas Technology Corp H8S/2437 Datasheet HTML 500Page - Renesas Technology Corp H8S/2437 Datasheet HTML 501Page - Renesas Technology Corp H8S/2437 Datasheet HTML 502Page - Renesas Technology Corp H8S/2437 Datasheet HTML 503Page - Renesas Technology Corp H8S/2437 Datasheet HTML 504Page - Renesas Technology Corp H8S/2437 Datasheet HTML 505Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 501 / 746 page
background image
Rev. 1.00, 09/03, page 463 of 704
16.6.4
Serial Data Reception (Clocked Synchronous Mode)
Figure 16.18 shows an example of SCI operation for reception in clocked synchronous mode. In
serial reception, the SCI operates as described below.
1. The SCI performs internal initialization in synchronization with a synchronization clock input
or output, starts receiving data, and stores the receive data in RSR.
2. If an overrun error (when reception of the next data is completed while the RDRF flag in SSR
is still set to 1) occurs, the ORER bit in SSR is set to 1. If the RIE bit in SCR is set to 1 at this
time, an ERI interrupt request is generated. Receive data is not transferred to RDR. The RDRF
flag remains to be set to 1.
3. If reception finishes successfully, the RDRF bit in SSR is set to 1, and receive data is
transferred to RDR. If the RIE bit in SCR is set to 1 at this time, an RXI interrupt request is
generated. If the RXI interrupt processing routine reads the receive data transferred to RDR
before reception of the next receive data has finished, continuous reception can be enabled.
Bit 7
Serial data
Synchronization
clock
1 frame
RDRF
ORER
ERI interrupt request
generated by overrun
error
RXI interrupt
request generated
RDR data read and
RDRF flag cleared
to 0 in RXI interrupt
processing routine
RXI interrupt
request
generated
Bit 0
Bit 7
Bit 0
Bit 1
Bit 6
Bit 7
Figure 16.18 Example of SCI Receive Operation in Clocked Synchronous Mode
Reception cannot be resumed while a receive error flag is set to 1. Accordingly, clear the ORER,
FER, PER, and RDRF flags to 0 before resuming reception. Figure 16.19 shows a sample
flowchart for serial data reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com