Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 544 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 544 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 540Page - Renesas Technology Corp H8S/2437 Datasheet HTML 541Page - Renesas Technology Corp H8S/2437 Datasheet HTML 542Page - Renesas Technology Corp H8S/2437 Datasheet HTML 543Page - Renesas Technology Corp H8S/2437 Datasheet HTML 544Page - Renesas Technology Corp H8S/2437 Datasheet HTML 545Page - Renesas Technology Corp H8S/2437 Datasheet HTML 546Page - Renesas Technology Corp H8S/2437 Datasheet HTML 547Page - Renesas Technology Corp H8S/2437 Datasheet HTML 548Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 544 / 746 page
background image
Rev. 1.00, 09/03, page 506 of 704
17.6
Bit Synchronous Circuit
In master mode,
• When the SCL is driven low by the slave device
• When the rising speed of the SCL is lower by the load of the SCL line (load capacitance or
pull-up resistance)
This module has a possibility that the high level period may be short in the two states described
above. Therefore it monitors the SCL and communicates by bits with synchronization.
Figure 17.18 shows the timing of the bit synchronous circuit and table 17.4 shows the time when
SCL output changes from low to Hi-Z then the SCL is monitored.
SCL
VIH
Reference clock
for SCL monitor
timing
Internal SCL
Figure 17.18 Timing of Bit Synchronous Circuit
Table 17.4
Time for Monitoring SCL
CKS3
CKS2
Time for Monitoring SCL
0
7.5 tcyc
0
1
19.5 tcyc
0
17.5 tcyc
1
1
41.5 tcyc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com