Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 540 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 540 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 536Page - Renesas Technology Corp H8S/2437 Datasheet HTML 537Page - Renesas Technology Corp H8S/2437 Datasheet HTML 538Page - Renesas Technology Corp H8S/2437 Datasheet HTML 539Page - Renesas Technology Corp H8S/2437 Datasheet HTML 540Page - Renesas Technology Corp H8S/2437 Datasheet HTML 541Page - Renesas Technology Corp H8S/2437 Datasheet HTML 542Page - Renesas Technology Corp H8S/2437 Datasheet HTML 543Page - Renesas Technology Corp H8S/2437 Datasheet HTML 544Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 540 / 746 page
background image
Rev. 1.00, 09/03, page 502 of 704
No
Yes
RDRF = 1 ?
No
Yes
RDRF = 1 ?
(Last receive
1)?
Master receive mode
Clear TEND in ICSR
Set TRS = 0 (ICCRA)
Clear TDRE in ICSR
Set ACKBT = 0 (ICIER)
Dummy reading of ICDRR
Read RDRF in ICSR
Read ICDRR
Set ACKBT = 1 (ICIER)
Set RCVD = 1 (ICCRA)
Read ICDRR
Read RDRF in ICSR
Write BBSY = 0
and SCP = 0
Read STOP in ICSR
Read ICDRR
Set RCVD = 0 (ICCRA)
Set MST = 0 (ICCRA)
End
No
Yes
STOP = 1 ?
No
Yes
[1]
Clear TEND, set master receive mode, and then clear TDRE.*
[2]
Set acknowledge to the transmit device.*
[3]
Dummy reading of ICDDR*
[4]
Wait for 1 byte to be received.
[5]
Check if (last receive
1).
[6]
Read the receive data.
[7]
Set acknowledge of the last byte. Disable continuous reception (RCVD = 1).
[8]
Read receive data of (last byte
1).
[9]
Wait for the last byte to be received.
[10] Clear STOP flag.
[11] Stop condition issuance
[12] Wait for the generation of stop condition.
[13] Read the receive data of the last byte.
[14] Clear RCVD to 0.
[15] Set slave receive mode.
[1]
[2]
[3]
[4]
[5]
[6]
[7]
[8]
Clear STOP in ICSR
[10]
[9]
[11]
[12]
[13]
[14]
[15]
Note:
* Steps 1 to 3 should be executed
continously.
Figure 17.15 Sample Flowchart for Master Receive Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com