| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 178 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 178 Page - Renesas Technology Corp |
|
178 / 746 page ![]() Rev. 1.00, 09/03, page 140 of 704 7.2.2 Port 1 Data Register (P1DR) P1DR stores output data for port 1. Bit Bit Name Initial Value R/W Description 7 P17DR 0 R/W 6 P16DR 0 R/W 5 P15DR 0 R/W 4 P14DR 0 R/W 3 P13DR 0 R/W 2 P12DR 0 R/W 1 P11DR 0 R/W 0 P10DR 0 R/W P1DR stores output data for the port 1 pins that are used as the general output ports. 7.2.3 Port 1 Register (PORT1) PORT1 reflects the pin state in port 1 and cannot be modified. Bit Bit Name Initial Value R/W Description 7 P17 * R 6 P16 * R 5 P15 * R 4 P14 * R 3 P13 * R 2 P12 * R 1 P11 * R 0 P10 * R When this register is read, the bit that is set in P1DDR is read as the value of P1DR. The bit that is cleared in P1DDR is read as the pin state. Note: * Determined by the states of the P17 to P10 pins. |