Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 182 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 178Page - Renesas Technology Corp H8S/2437 Datasheet HTML 179Page - Renesas Technology Corp H8S/2437 Datasheet HTML 180Page - Renesas Technology Corp H8S/2437 Datasheet HTML 181Page - Renesas Technology Corp H8S/2437 Datasheet HTML 182Page - Renesas Technology Corp H8S/2437 Datasheet HTML 183Page - Renesas Technology Corp H8S/2437 Datasheet HTML 184Page - Renesas Technology Corp H8S/2437 Datasheet HTML 185Page - Renesas Technology Corp H8S/2437 Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 746 page
background image
Rev. 1.00, 09/03, page 144 of 704
7.3.2
Port 2 Data Register (P2DR)
P2DR stores output data for the port 2 pins.
Bit
Bit Name
Initial Value
R/W
Description
7
P27DR
0
R/W
6
P26DR
0
R/W
5
P25DR
0
R/W
4
P24DR
0
R/W
3
P23DR
0
R/W
2
P22DR
0
R/W
1
P21DR
0
R/W
0
P20DR
0
R/W
P2DR stores output data for the port 2 pins that are
used as the general output ports.
7.3.3
Port 2 Register (PORT2)
PORT2 reflects the pin state in port 2 and cannot be modified.
Bit
Bit Name
Initial Value
R/W
Description
7
P27
*
R
6
P26
*
R
5
P25
*
R
4
P24
*
R
3
P23
*
R
2
P22
*
R
1
P21
*
R
0
P20
*
R
When this register is read, the bit that is set in
P2DDR is read as the value of P2DR. The bit
that is cleared in P2DDR is read as the pin
state.
Note:
*
Determined by the states of the P27 to P20 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More