Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 221 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 221 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 217Page - Renesas Technology Corp H8S/2437 Datasheet HTML 218Page - Renesas Technology Corp H8S/2437 Datasheet HTML 219Page - Renesas Technology Corp H8S/2437 Datasheet HTML 220Page - Renesas Technology Corp H8S/2437 Datasheet HTML 221Page - Renesas Technology Corp H8S/2437 Datasheet HTML 222Page - Renesas Technology Corp H8S/2437 Datasheet HTML 223Page - Renesas Technology Corp H8S/2437 Datasheet HTML 224Page - Renesas Technology Corp H8S/2437 Datasheet HTML 225Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 746 page
background image
Rev. 1.00, 09/03, page 183 of 704
7.9
Port 8
Port 8 is an 8-bit I/O port. Port 8 pins also function as external trigger input pins for the A/D
converter, PWMX output pins, SCI_3, SCI_4, IIC3_0, and IIC3_1 I/O pins, and TPU I/O pins.
The output format for P80 to P83 which are general I/O ports is NMOS push-pull output.
Port 8 has the following registers.
• Port 8 data direction register (P8DDR)
• Port 8 data register (P8DR)
• Port 8 register (PORT8)
7.9.1
Port 8 Data Direction Register (P8DDR)
The individual bits in P8DDR specify input or output for the pins of port 8. The read value is
undefined.
Bit
Bit Name
Initial Value
R/W
Description
7
P87DDR
0
W
6
P86DDR
0
W
5
P85DDR
0
W
4
P84DDR
0
W
3
P83DDR
0
W
2
P82DDR
0
W
1
P81DDR
0
W
0
P80DDR
0
W
While a general I/O port function is selected, the
corresponding port 8 pin is an output port when a
P8DDR bit is set to 1, and an input port when
cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com