Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 223 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 223 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 219Page - Renesas Technology Corp H8S/2437 Datasheet HTML 220Page - Renesas Technology Corp H8S/2437 Datasheet HTML 221Page - Renesas Technology Corp H8S/2437 Datasheet HTML 222Page - Renesas Technology Corp H8S/2437 Datasheet HTML 223Page - Renesas Technology Corp H8S/2437 Datasheet HTML 224Page - Renesas Technology Corp H8S/2437 Datasheet HTML 225Page - Renesas Technology Corp H8S/2437 Datasheet HTML 226Page - Renesas Technology Corp H8S/2437 Datasheet HTML 227Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 746 page
background image
Rev. 1.00, 09/03, page 185 of 704
7.9.4
Pin Functions
When the corresponding bit in PTCNT2 is set to 1, port 8 pins can be used as TPU I/O pins
(ExTIOCB0 and ExTIOCA0). The relationship between register setting values and pin functions is
as follows.
• P87/ExTIOCB0/ADTRG
When the TIOCB0S bit in PTCNT2 is set to 1, this pin can be used as an ExTIOCB0 pin.
The pin function is switched as shown below according to the combination of the TPU channel
0 settings by the MD3 to MD0 bits in TMDR_0 and the IOB3 to IOB0 bits in TIORH_0, the
TIOCB0S bit, and the P87DDR bit.
When the TRGS1 and TRGS0 bits in ADCR are all set to 1, this pin functions as an
ADTRG
input pin.
TIOCB0S
0
1
TIOCB0 output
Table below (2)
Table below (1)
P87DDR
0
1
0
1
P87 input pin
P87 output pin
P87 input pin
P87 output pin
ExTIOCB0 input pin*
ExTIOCB0
output pin
Pin function
ADTRG input pin
TPU channel 0
setting
(2)
(1)
(2)
(2)
(1)
(2)
MD3 to MD0
B'0000
B'0010
B'0011
IOB3 to IOB0
B'0000
B'0100
B'1xxx
B'0001 to B'0011
B'0101 to B'0111
B'xx00
Other than B'xx00
CCLR2 to
CCLR0
Other than
B'010
B'010
Output function
Output compare
output
PWM mode
2 output
[Legend]
x: Don’t care
Note:
*
When TIOCB0S = 1, MD3 to MD0 = B'0000, and IOB3 to IOB0 = B'10xx, this pin
functions as the TIOCB0 input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com