Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 226 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 226 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 222Page - Renesas Technology Corp H8S/2437 Datasheet HTML 223Page - Renesas Technology Corp H8S/2437 Datasheet HTML 224Page - Renesas Technology Corp H8S/2437 Datasheet HTML 225Page - Renesas Technology Corp H8S/2437 Datasheet HTML 226Page - Renesas Technology Corp H8S/2437 Datasheet HTML 227Page - Renesas Technology Corp H8S/2437 Datasheet HTML 228Page - Renesas Technology Corp H8S/2437 Datasheet HTML 229Page - Renesas Technology Corp H8S/2437 Datasheet HTML 230Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 746 page
background image
Rev. 1.00, 09/03, page 188 of 704
• P81/SDA0/RxD3
The pin function is switched as shown below according to the combination of the RE bit in
SCR of the SCI_3, the ICE bit in ICCRA of the IIC3_0, and the P81DDR bit. When this pin is
used as the P81 output pin, the output format is NMOS push-pull output. The output format for
SDA0 is NMOS open-drain output, and direct bus drive is possible.
ICE
0
1
RE
0
1
P81DDR
0
1
Pin function
P81 input pin
P81 output pin
RxD3 input pin
SDA0 I/O pin
• P80/SCL0/TxD3
The pin function is switched as shown below according to the combination of the TE bit in
SCR of the SCI_3, the ICE bit in ICCRA of the IIC3_0, and the P80DDR bit. When this pin is
used as the TxD3 or P80 output pin, the output format is NMOS push-pull output. The output
format for SCL0 is NMOS open-drain output, and direct bus drive is possible.
ICE
0
1
TE
0
1
P80DDR
0
1
Pin function
P80 input pin
P80 output pin
TxD3 output pin
SCL0 I/O pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com