| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 235 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 235 Page - Renesas Technology Corp |
|
235 / 746 page ![]() Rev. 1.00, 09/03, page 197 of 704 • Extended Mode (EXPE = 1) LWROE 0 1 TIOCB1/TCLKCS 0 1 TPU channel 1 setting Table below (2) Table below (1) P90DDR LWR output pin ExTIOCB1 input pin* 1 LWR output pin Pin function Single-chip operation LWR output pin ExTCLKC input pin* 2 • Single-Chip Mode (EXPE = 0) TIOCB1/ TCLKCS 0 1 TPU channel 1 setting Table below (2) Table below (1) P90DDR 0 1 0 1 P90 input pin P90 output pin ExTIOCB1 input pin* 1 ExTIOCB1 output pin Pin function P90 input pin P90 output pin ExTCLKC input pin* 2 TPU channel 1 setting (2) (1) (2) (2) (1) (2) MD3 to MD0 B'0000, B'01xx B'0010 B'0011 IOB3 to IOB0 B'0000 B'0100 B'1xxx B'0001 to B'0011 B'0101 to B'0111 B'xx00 Other than B'xx00 CCLR1, CCLR0 Other than B'10 B'10 Output function Output compare output PWM mode 2 output [Legend] x: Don’t care Notes: 1. When TIOCB1/TCLKCS = 1, MD3 to MD0 = B'0000 or B'01xx, and IOB3 to IOB0 = B'10xx, this pin functions as the TIOCB1 input pin. 2. When TIOCB1/TCLKCS = 1 and TPSC2 to TPSC0 in TCR_0 or TCR_2 = B'111, this pin functions as the TCLKC input pin. When TIOCB1/TCLKCS = 0 and phase-count mode is set to the TCR channel 2, this pin functions as the TCLKC input pin. |