| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 236 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 236 Page - Renesas Technology Corp |
|
236 / 746 page ![]() Rev. 1.00, 09/03, page 198 of 704 7.11 Port A Port A is an 8-bit I/O port. Port A pins also function as bus control output pins, SCI_3 and SCI_4 I/O pins, TMX_0, TMY_0, TM0_0, and PWM output pins, and FRT_0 and timer connection I/O pins. Port A has the following registers. For details on the port function control register, refer to section 7.10.4, Port Function Control Register (PFCR). • Port A data direction register (PADDR) • Port A data register (PADR) • Port A register (PORTA) • Port function control register (PFCR) 7.11.1 Port A Data Direction Register (PADDR) The individual bits in PADDR specify input or output for the pins of port A. The read value is undefined. Bit Bit Name Initial Value R/W Description 7 PA7DDR 0 W 6 PA6DDR 0 W 5 PA5DDR 0 W 4 PA4DDR 0 W 3 PA3DDR 0 W 2 PA2DDR 0 W 1 PA1DDR 0 W 0 PA0DDR 0 W While a general I/O port function is selected, the corresponding port A pin is an output port when a PADDR bit is set to 1, and an input port when cleared to 0. |