Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5706CEVLLR Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

No. de pieza MPC5706CEVLLR
Descripción Electrónicos  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5706CEVLLR Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPC5706CEVLLR Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
25
Table 17. I/O consumption
Symbol
C
Parameter
Conditions1
Value2
Unit
Min
Typ
Max
IDYNSEG
SR
D
Sum of all
the
dynamic
and static
I/O current
within a
supply
segment
VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
110
mA
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
65
ISWTSLW
,3
CC
D
Dynamic
I/O current
for SLOW
configurati
on
CL =
25 pF
VDD =
5.0 V ±
10%,
PAD3V5V
= 0
——
20
mA
VDD =
3.3 V ±
10%,
PAD3V5V
= 1
——
16
ISWTMED
3
CC
D
Dynamic
I/O current
for
MEDIUM
configurati
on
CL =
25 pF
VDD =
5.0 V ±
10%,
PAD3V5V
= 0
——
29
mA
VDD =
3.3 V ±
10%,
PAD3V5V
= 1
——
17
ISWTFST
3
CC
D
Dynamic
I/O current
for FAST
configurati
on
CL =
25 pF
VDD =
5.0 V ±
10%,
PAD3V5V
= 0
——
110
mA
VDD =
3.3 V ±
10%,
PAD3V5V
= 1
——
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com