Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5706CEVLLR Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

No. de pieza MPC5706CEVLLR
Descripción Electrónicos  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5706CEVLLR Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MPC5706CEVLLR Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
31
Each decoupling capacitor must be placed between each of the three VDD_LV/VSS_LV supply pairs to ensure stable voltage (see
Section 3.4, “Recommended operating conditions).
Table 19. Voltage regulator electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
CREGn
SR — Internal voltage regulator external
capacitance
—
200
—
330
nF
RREG
SR — Stability capacitor equivalent serial
resistance
——
—
0.2
W
CDEC1
SR — Decoupling capacitance3,4 ballast
VDD_BV/VSS_LV pair
400
4705
—nF
CDEC2
SR — Decoupling capacitance regulator
supply
VDD/VSS pair
10
100
—
nF
VMREG
CC P Main regulator output voltage
Before trimming
—
1.32
—
V
After trimming
—
1.28
—
IMREG
SR — Main regulator current provided to
VDD_LV domain
——
—
150
mA
IMREGINT
CC D Main regulator module current
consumption
IMREG = 200 mA
—
—
2
mA
IMREG = 0 mA
—
—
1
VLPREG
CC P Low power regulator output voltage
After trimming
—
1.23
—
V
ILPREG
SR — Low power regulator current provided
to VDD_LV domain
—
——
15
mA
ILPREGINT
CC D Low power regulator module current
consumption
ILPREG = 15 mA;
TA = 55 °C
——
600
µA
—
ILPREG = 0 mA;
TA = 55 °C
—
5
TBD
VULPREG
CC P Ultra low power regulator output
voltage
Post trimming
—
1.23
—
V
IULPREG
SR — Ultra low power regulator current
provided to VDD_LV domain
——
—
5
mA
IULPREGINT CC D Ultra low power regulator module
current consumption
IULPREG = 5 mA;
TA = 55 °C
——
100
µA
IULPREG = 0 mA;
TA = 55 °C
—
2
TBD
IVREGREF
CC D Main LVDs and reference current
consumption (low power and main
regulator switched off)
TA = 55 °C
—
17
—
µA
IVREDLVD12 CC D Main LVD current consumption
(switch-off during standby)
TA = 55 °C
—
2
TBD
µA
IDD_BV
CC D In-rush current on VDD_BV during
power-up
——
—
4006
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com