Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5706CEVLLR Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

No. de pieza MPC5706CEVLLR
Descripción Electrónicos  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5706CEVLLR Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button MPC5706CEVLLR Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 92Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 88 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Package characteristics
Freescale Semiconductor
88
D
16.80
17.00
17.20
0.6614
0.6693
0.6772
D1
15.00
0.5906
E
16.80
17.00
17.20
0.6614
0.6693
0.6772
E1
15.00
0.5906
e
1.00
0.0394
F
1.00
0.0394
ddd
0.20
0.0079
eee
0.25
0.0098
4
fff
0.10
0.0039
5
1 Values in inches are converted from mm and rounded to 4 decimal digits.
2 LBGA stands for Low profile Ball Grid Array.
- Low profile: The total profile height (Dim A) is measured from the seating plane to the top of the component
- The maximum total package height is calculated by the following methodology:
A2 Typ+A1 Typ +
√ (A12+A32+A42 tolerance values)
- Low profile: 1.20mm < A < 1.70mm
3 The typical ball diameter before mounting is 0.60mm.
4 The tolerance of position that controls the location of the pattern of balls with respect to datums A and B.
For each ball there is a cylindrical tolerance zone eee perpendicular to datum C and located on true position with
respect to datums A and B as defined by e. The axis perpendicular to datum C of each ball must lie within this
tolerance zone.
5 The tolerance of position that controls the location of the balls within the matrix with respect to each other.
For each ball there is a cylindrical tolerance zone fff perpendicular to datum C and located on true position as
defined by e. The axis perpendicular to datum C of each ball must lie within this tolerance zone.
Each tolerance zone fff in the array is contained entirely in the respective zone eee above.
The axis of each ball must lie simultaneously in both tolerance zones.
Table 47. LBGA208 mechanical data (continued)
Symbol
mm
inches1
Notes
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com