Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5706CEVLLR Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

No. de pieza MPC5706CEVLLR
Descripción Electrónicos  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5706CEVLLR Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC5706CEVLLR Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
60
Table 39. Conversion characteristics (12-bit ADC1)
Symbol
Parameter
Conditions1
Value
Unit
Min
Typ
Max
VSS_ADC1
SR
Voltage on
VSS_HV_A
DC1 (ADC1
reference)
pin with
respect to
ground
(VSS)
2
—-0.1
0.1
V
VDD_ADC1
SR
Voltage on
VDD_HV_
ADC1 pin
(ADC1
reference)
with
respect to
ground
(VSS)
—VDD-0.1
VDD+0.1
V
VAINx
SR
Analog
input
voltage3
—VSS_ADC1-0
.1
VDD_ADC1+
0.1
V
fADC1
SR
ADC1
analog
frequency
—
32 + 3%
32 + 4%
MHz
tADC1_PU
SR
ADC1
power up
delay
—
1.5
µs
tADC1_S
CC
Sample
time4
VDD=3.3 V
fADC1= 32 MHz,
ADC1_conf_sample_inp
ut = 20
600
ns
Sample
time4
VDD =5.0 V
fADC1= 32 MHz,
ADC1_conf_sample_inp
ut = 17
500
Sample
time4
VDD=3.3 V
fADC1= 3.33 MHz,
ADC1_conf_sample_inp
ut = 255
76.2
µs
Sample
time4
VDD =5.0 V
fADC1= 3.33 MHz,
ADC1_conf_sample_inp
ut = 255
76.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com