Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5706CEVLLR Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

No. de pieza MPC5706CEVLLR
Descripción Electrónicos  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5706CEVLLR Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC5706CEVLLR Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
62
IINJ
SR
Input
current
Injection
Current
injection on
one ADC1
input,
different
from the
converted
one
VDD = 3.3 V
± 10%
-5
—
5
mA
VDD = 5.0 V
± 10%
-5
—
5
INLP
CC
Absolute
Integral
non-linearit
y-Precise
channels
No overload
1
3
LSB
INLX
CC
Absolute
Integral
non-linearit
y-Extended
channels
No overload
1.5
5
LSB
DNL
CC
Absolute
Differential
non-linearit
y
No overload
0.5
1
LSB
OFS
CC
Absolute
Offset error
—2
LSB
GNE
CC
Absolute
Gain error
—2
LSB
TUEP7
CC
Total
Unadjusted
Error for
precise
channels,
input only
pins
Without current injection
-6
6
With current injection
-8
8
TUEX7
CC
Total
Unadjusted
Error for
extended
channel
Without current injection
-10
10
LSB
With current injection
-12
12
LSB
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = -40 / 125 °C, unless otherwise specified.
2 Analog and digital V
SS must be common (to be tied together externally).
3 V
AINx may exceed VSS_ADC1 and VDD_ADC1 limits, remaining on absolute maximum ratings, but the results of the
conversion will be clamped respectively to 0x000 or 0xFFF.
4 During the sample time the input capacitance C
S can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within tADC1_S. After the
end of the sample time tADC1_S, changes of the analog input voltage have no effect on the conversion result. Values
for the sample clock tADC1_S depend on programming.
Table 39. Conversion characteristics (12-bit ADC1) (continued)
Symbol
Parameter
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com