Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5706CEVLLR Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

No. de pieza MPC5706CEVLLR
Descripción Electrónicos  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5706CEVLLR Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC5706CEVLLR Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5706CEVLLR Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
15
VSS_ADC
SR Voltage on VSS_HV_ADC0,
VSS_HV_ADC1 (ADC reference) pin
with respect to ground (VSS)
—VSS−0.1 VSS+0.1
V
VDD_ADC
4
SR Voltage on VSS_HV_ADC0,
VSS_HV_ADC1 (ADC reference) with
respect to ground (VSS)
—3.05
3.6
V
Relative to VDD
VDD−0.1 VDD+0.1
VIN
SR Voltage on any GPIO pin with respect
to ground (VSS)
—VSS−0.1
—
V
Relative to VDD
—VDD+0.1
IINJPAD
SR Injected input current on any pin
during overload condition
—
−55
mA
IINJSUM
SR Absolute sum of all injected input
currents during overload condition
—
−50
50
TVDD
SR VDD slope to ensure correct power up
6
—
—
0.25
V/µs
TA
SR Ambient temperature under bias
fCPU < 64 MHz
−40
125
°C
TJ
SR Junction temperature under bias
—
−40
150
1 100 nF capacitance needs to be provided between each V
DD/VSS pair
2 330 nF capacitance needs to be provided between each V
DD_LV/VSS_LV supply pair.
3 470 nF capacitance needs to be provided between V
DD_BV and the nearest VSS_LV (higher value may be needed
depending on external regulator characteristics).
4 100 nF capacitance needs to be provided between V
DD_ADC/VSS_ADC pair.
5 Full electrical specification cannot be guaranteed when voltage drops below 3.0 V. In particular, ADC electrical
characteristics and I/Os DC electrical specification may not be guaranteed. When voltage drops below VLVDHVL,
device is reset.
6 Guaranteed by device validation
Table 9. Recommended operating conditions (5.0 V)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VSS
SR Digital ground on VSS_HV pins
—
0
0
V
VDD
1
SR Voltage on VDD_HV pins with respect to ground (VSS)—
4.5
5.5
V
Voltage drop2
3.0
5.5
VSS_LV
3
SR Voltage on VSS_LV (low voltage digital supply) pins with
respect to ground (VSS)
—VSS-0.1 VSS+0.1
V
VDD_BV
4
SR Voltage on VDD_BV pin (regulator supply) with respect
to ground (VSS)
—4.5
5.5
V
Voltage drop2
3.0
5.5
Relative to VDD VDD-0.1 VDD+0.1
VSS_ADC SR Voltage on VSS_HV_ADC0, VSS_HV_ADC1 (ADC
reference) pin with respect to ground (VSS)
—VSS-0.1 VSS+0.1
V
Table 8. Recommended operating conditions (3.3 V) (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com